PART |
Description |
Maker |
ACT-F1288N ACT-F1288N-150P7T ACT-F1288N-150P7Q ACT |
High speed 1 Megabit monolithic FLASH. Speed 150ns. High speed 1 Megabit monolithic FLASH. Speed 90ns. High speed 1 Megabit monolithic FLASH. Speed 70ns. ACT-F128K8 High Speed 1 Megabit Monolithic FLASH High speed 1 Megabit monolithic FLASH. Speed 60ns. High speed 1 Megabit monolithic FLASH. Speed 120ns.
|
AEROFLEX[Aeroflex Circuit Technology]
|
OP467GS-REEL |
18V; quad precision, high-speed operational amplifier. For high-speed image display drivers, high frequency active filters
|
Analog Devices
|
CY27H512-30JC CY27H512-30WC CY27H512-35HC CY27H512 |
64K x 8 High-Speed CMOS EPROM 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 25 ns, PDSO28 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 55 ns, PDSO28 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 30 ns, PDIP28 64K x 8 High-Speed CMOS EPROM 64K X 8 UVPROM, 55 ns, CDIP28 64K x 8 High-Speed CMOS EPROM 64K X 8 UVPROM, 45 ns, CDIP28 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 55 ns, CDIP28 64K x 8 High-Speed CMOS EPROM 64K X 8 UVPROM, 45 ns, CQCC32 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 70 ns, PDIP28 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 70 ns, PQCC32 64K x 8 High-Speed CMOS EPROM 64K X 8 UVPROM, 70 ns, CQCC32 64K x 8 High-Speed CMOS EPROM 64K X 8 OTPROM, 70 ns, PDSO28 CAP SM CER 2200PFD 50V 10% X7R 0805
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
ADCMP562BRQ ADCMP561 ADCMP561BRQ ADCMP562 ADCMP561 |
Dual High Speed PECL Comparator 20 - Lead QSOP Dual High Speed PECL Comparator 16 - Lead QSOP (ADCMP561 / ADCMP562) Dual High Speed PECL Comparators Dual High Speed PECL Comparators COMPARATOR, 10000 uV OFFSET-MAX, PDSO20 Dual High Speed PECL Comparators 双高速PECL的比
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
2SC3307 E000825 |
NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR, HIGH SPEED DC-DC CONVERTER APPLICATIONS) From old datasheet system HIGH SPEED AND HIGH VOLTAGE SWITCHING APPLICATIONS SWITCHING REGULATOR APPLICATIONS
|
Toshiba Semiconductor
|
HI1-565AJD-5 HI1-565AKD-5 HI1-565ASD_883 HI1-565AS |
From old datasheet system High Speed Monolithic D/A Converter with Reference High Speed, Monolithic D/A Converter with Reference CIRCUIT BREAKER High Speed/ Monolithic D/A Converter with Reference 64 MACROCELL 3.3 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN
|
INTERSIL[Intersil Corporation]
|
IDTQS3861Q IDTQS3861 IDTQS3861SO IDTQS3861PA QS386 |
QUICKSWITCH? PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH The QS3861 provides a set of ten high-speed CMOS TTL-compatible bus switches. High-Speed CMOS 10-Bit Bus Switch with Flow-Thru Pinout
|
INTEGRATED DEVICE TECHNOLOGY INC IDT[Integrated Device Technology]
|
KM68257C-12 KM68257CJ-12 KM68257CJ-20 KM68257CL-12 |
32Kx8 bit high speed static RAM (5V operating), 20ns 32Kx8 bit high speed static RAM (5V operating), 15ns 32Kx8 bit high speed static RAM (5V operating), 12ns 32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range. 32Kx8位高速静态RAM5V的工作(,进化引脚了。在商业温度范围工作
|
Samsung Electronic SAMSUNG[Samsung semiconductor] Samsung Semiconductor Co., Ltd.
|
LTC2449C LTC2444CUHF LTC2445I LTC2445C |
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution 24位ADC的高-/16-Channel可选速度/分辨 24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution 8-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PQCC38
|
Linear Technology, Corp. Linear Technology Corporation
|
B65812-B3003-X22 B65812-K1012-D2 B65812-N1005-D1 B |
RM cores are supplied in sets
|
EPCOS AG EPCOS[EPCOS]
|
2SK3748 |
N CHANNEL MOS SILICON TRANSISTOR High-Voltage High-Speed Switching Applications High-Voltage, High-Speed Switching Applications From old datasheet system
|
SANYO[Sanyo Semicon Device]
|
S2370 |
V(dsx): 60V; V(dgr): 60V; V(gss): -20V; 40A; 125W; field effect transistor. For high speed high current switching applications, chopper regular, DC-DC converter and motor drive applications HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
|
TOSHIBA[Toshiba Semiconductor]
|